|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Case Outline -- TO-247AC -D NOTES: 1 D IMENSIONS & TOLERANCIN G PER ANSI Y14.5M, 1982. 2 C ONTR OLLIN G D IM ENSION : INCH . 3 D IMENSIONS AR E SHOW N M ILLIM ETERS (INCH ES). 4 C ONFORM S T O JED EC OU TLIN E T O-247AC . 15.90 (.626) 15.30 (.602) - B- 3.65 (.143) 3.55 (.140) 0.25 (.010) M -A 5.50 (.217) DBM 5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4 20.30 (.800) 19.70 (.775) 1 2 3 2X 5.50 (.217) 4.50 (.177) -C- LEAD ASSIGN MENT S 1 - GATE 2 - C OLLEC TOR 3 - EMITT ER 4 - C OLLEC TOR LONGER LEAD ED (20m m) VER SION AVAILABLE (TO-247AD) TO OR DER ADD "-E" SUF FIX TO PART NUM BER * 14.80 (.583) 14.20 (.559) 4.30 (.170) 3.70 (.145) * 3X C AS 0.80 (.031) 0.40 (.016) 2.60 (.102) 2.20 (.087) 2.40 (.094) 2.00 (.079) 2X 5.45 (.215) 2X 3X 1.40 (.056) 1.00 (.039) 0.25 (.010) M 3.40 (.133) 3.00 (.118) C O NFO RM S TO J ED EC O UTLINE TO -247 AC (TO -3P ) D im en sion s in M illim ete rs a nd (Inc he s) |
Price & Availability of TO-247ACPACKAGE |